|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GMA8475C - 1.2 5X7 DOT MATRIX DISPLAYS - QT Optoelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GMA2875C | 2.0 5X7 DOT MATRIX DISPLAYS | 1 2 3 4 5 More | QT Optoelectronics |
| BM-11257MD | Single Color 5x7 Dot Matrix Displays | 1 | Yellow Stone Corp |
| GMA7175C | 0.7 5X7 DOT MATRIX DISPLAYS | 1 2 3 4 5 | QT Optoelectronics |
| GMA7175CA | 0.7 5X7 DOT MATRIX DISPLAYS | 1 2 3 4 5 | QT Optoelectronics |
| UVP-1X57A | 1.2 inch 30.42mm 5X7 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| GMA7175C | 0.7 5X7 DOT MATRIX DISPLAYS | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMA7175CA | 0.7 5X7 DOT MATRIX DISPLAYS | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMA8475C | 1.2 5 x 7 DOT MATRIX DISPLAYS | 1 2 3 4 5 More | Fairchild Semiconductor |
| MTAN2140-12A | Marktech 4.00 5x7 Dot Matrix | 1 | Marktech Corporate |
| TA12-11 | 30 MM 5 X 7 DOT MATRIX DISPLAYS | 1 2 3 4 5 More | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|