|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GMA3688C - 1.5 INCH (37.9mm) 8X8 DOT MATRIX STICK DISPLAY - QT Optoelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GMA3688C | 1.5 INCH 37.9mm 8 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMA26881C | 2.3 INCH 58.4mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| TA15-11EWA | 38mm 1.5 INCH 8x8 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| GMA46881C | 1.85 INCH 47.0mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| GMA4Y881C | 1.88 INCH 47.7mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 | QT Optoelectronics |
| GMA4Y881C | 1.88 INCH 47.7mm 8 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | Fairchild Semiconductor |
| GMA8275C | 1.2 INCH 30.5mm 5 X 7 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMC7275C | 0.7 INCH 17.2MM 5 X 7 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMA2275C | 2.0 INCH 50.8 mm 5 X 7 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | Fairchild Semiconductor |
| GMA2285C | 2.3 INCH 58.4 mm 5 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|