Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51EM256 Datasheet (PDF) - Freescale Semiconductor, Inc

MCF51EM256 Datasheet PDF - Freescale Semiconductor, Inc
Part # MCF51EM256
Download  MCF51EM256 Download

File Size   1607.31 Kbytes
Page   54 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description ColdFire Microcontroller

MCF51EM256 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCF51EM256 Datasheet PDF - Freescale Semiconductor, Inc

Part # MCF51EM256
Download  MCF51EM256 Click to download

File Size   1607.31 Kbytes
Page   54 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description ColdFire Microcontroller

MCF51EM256 Datasheet (HTML) - Freescale Semiconductor, Inc

Back Button MCF51EM256 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button 

MCF51EM256 Product details

The MCF51EM256/128 series microcontrollers are a member of the ColdFire® family of reduced instruction set computing (RISC) microprocessors.
This document provides an overview of these 32-bit microcontrollers, focusing on their highly integrated and diverse feature set.
These microcontrollers are systems-on-chips (SoCs) that are based on the V1 ColdFire core and the following features:

• Operating at processor core speeds up to 50.33 MHz (peripherals operate at half of this speed) at 3.6 V to 2.5 V and 20 MHz at 2.5 V to 1.8 V
• Up to 256 KB of flash memory
• Up to 16 KB of RAM
• Less than 1.3 μA of typical power consumption in battery mode, with MCU supply off
• Ultra-low power independent RTC with calendar features, separate time base, power domain, and 32 bytes of RAM
• A collection of communications peripherals, including UART, IIC and SPI
• Integrated 16-bit SAR analog-to-digital converter
• Programmable delay block (PDB)
• Two analog comparators with selectable interrupt (PRACMP)
• LCD driver
• Three serial communications interface modules (SCI)
• Three serial peripheral interfaces
• Inter-integrated circuit (IIC)
• Two 8-bit and one 16-bit modulo timers (MTIM)
• Two-channel timer/PWM module (TPM)




Similar Part No. - MCF51EM256

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_1 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_2 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
More results


Similar Description - MCF51EM256

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com