Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-796695 Datasheet (PDF) - Tyco Electronics

C-796695 Datasheet PDF - Tyco Electronics
Part # C-796695
Download  C-796695 Download

File Size   59.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMI BLOK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 3.5mm PITCH

C-796695 Datasheet (PDF)

Go To PDF Page Download Datasheet
C-796695 Datasheet PDF - Tyco Electronics

Part # C-796695
Download  C-796695 Click to download

File Size   59.76 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMI BLOK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 3.5mm PITCH

C-796695 Datasheet (HTML) - Tyco Electronics

C-796695 Datasheet HTML 1Page - Tyco Electronics



Similar Part No. - C-796695

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796690 MACOM-C-796690 Datasheet
230Kb / 2P
   TERMINAL BLOCK, PCB MOUNT ANGLED WIRE ENTRYK, STACKING W/INTERLOCK, 5mm PITCH
C-796692 MACOM-C-796692 Datasheet
119Kb / 1P
   TERMINAL BLOCK PCB MOUNT, 1ST AND 2ND LEVELSTACKING W/INTERLOCK, 5.08mm PITCH
C-796696 MACOM-C-796696 Datasheet
86Kb / 1P
   TERMINAL BLOCK, PLUG, STACKING 5.00mm PITCH
C-796698 MACOM-C-796698 Datasheet
91Kb / 1P
   TERMINAL BLOK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
C-796699 MACOM-C-796699 Datasheet
53Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
More results


Similar Description - C-796695

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796644 MACOM-C-796644 Datasheet
56Kb / 1P
   TERMI BLOK HEADER ASSEMBLY, STRAIGHT, CLOSED ENDS, 3.5mm PITCH
C-1546111 MACOM-C-1546111 Datasheet
55Kb / 1P
   TERMI-BLOK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-796643 MACOM-C-796643 Datasheet
53Kb / 1P
   TERMI-BLOK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1546109 MACOM-C-1546109 Datasheet
63Kb / 1P
   TERMI-BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-796637 MACOM-C-796637 Datasheet
115Kb / 1P
   TERMI - BLOK HEADER ASSEMBLY 180 ? , CLOSED ENDS, 5.08mm PITCH
C-1776134 MACOM-C-1776134 Datasheet
96Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 3.5mm PITCH
C-796639 MACOM-C-796639 Datasheet
126Kb / 1P
   TERMI - BLOCK HEADER ASSEMBLY 90 ? , CLOSED ENDS, 5.08mm PITCH
C-796638 MACOM-C-796638 Datasheet
186Kb / 2P
   TERMI-BLOCK HEADER ASSEMBLY 90 ? , CLOSED ENDS, 5.08mm PITCH
C-284512 MACOM-C-284512 Datasheet
153Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 90 ? CLOSED ENDS, 3.5mm PITCH
C-796698 MACOM-C-796698 Datasheet
91Kb / 1P
   TERMINAL BLOK HEADER ASSEMBLY, 90 DEGREE, OPEN ENDS, STACKING 5.00mm PITCH
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com