Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F989 Datasheet (PDF) - Silicon Laboratories

C8051F989 Datasheet PDF - Silicon Laboratories
Part # C8051F989
Download  C8051F989 Download

File Size   53.18 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU

C8051F989 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F989 Datasheet PDF - Silicon Laboratories

Part # C8051F989
Download  C8051F989 Click to download

File Size   53.18 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU

C8051F989 Datasheet (HTML) - Silicon Laboratories

C8051F989 Datasheet HTML 1Page - Silicon Laboratories C8051F989 Datasheet HTML 2Page - Silicon Laboratories

C8051F989 Product details

25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU



Capacitance to Digital Converter

- Supports buttons, sliders, wheels, and capacitive proximity sensing

- Fast 40 µs per channel conversion time

- 16-bit resolution

- Up to 14 input channels

- Auto-accumulate up to 64x samples

Ultra-Low Power

- 150 µA/MHz active current from 1.8–3.6 V @ 25 MHz

- 10 nA sleep current with data retention; BOD disabled

- 50 nA sleep current with data retention; BOD enabled

- 300 nA sleep current with smaRTClock (internal oscillator)

- 600 nA sleep current with smaRTClock (external crystal)

- 2 µs wake up from sleep

Supply Voltage 1.8 to 3.6 V

- Built-in brown-out detector

- On-chip LDO regulator for core supply

Analog to Digital Converter

- 75 ksps with 12-bit resolution (F990/6)

- 330 ksps with 8-bit resolution

- Up to 10-channels

- Autonomous burst mode with 16-bit averaging accumulator

- VREF from external pin, VDD, or internal regulator

- Built-in temperature sensor

Internal 6-Bit Current Reference

- 2 ranges: source or sink capability

- Up to 14-bit resolution via PWM interpolation Comparator

- Programmable hysteresis and response time

- Configurable as interrupt or reset source

- Low current (< 0.4 µA)

Development Kit: C8051F996DK



 




Similar Part No. - C8051F989

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F989 SILABS-C8051F989 Datasheet
51Kb / 2P
   Ultra Low Power, High-Performance MCU
C8051F989-C-GM SILABS-C8051F989-C-GM Datasheet
2Mb / 325P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
C8051F989-C-GU SILABS-C8051F989-C-GU Datasheet
2Mb / 325P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
C8051F989-GM SILABS-C8051F989-GM Datasheet
2Mb / 322P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
C8051F989-GU SILABS-C8051F989-GU Datasheet
2Mb / 322P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
More results


Similar Description - C8051F989

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F99X SILABS-C8051F99X_14 Datasheet
51Kb / 3P
   25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
C8051F980-C-GM SILABS-C8051F980-C-GM Datasheet
2Mb / 325P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
C8051F99X SILABS-C8051F99X_10 Datasheet
2Mb / 322P
   Ultra Low Power, 8-2 kB Flash, Capacitive Sensing MCU
C8051F315 SILABS-C8051F315 Datasheet
434Kb / 2P
   25 MIPS, 8 kB Flash, 28-Pin Mixed-Signal MCU
C8051F231 SILABS-C8051F231 Datasheet
427Kb / 2P
   25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F236 SILABS-C8051F236 Datasheet
415Kb / 2P
   25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F303 SILABS-C8051F303 Datasheet
179Kb / 2P
   25 MIPS, 8 kB Flash, 11-Pin Mixed-Signal MCU
C8051F314 SILABS-C8051F314 Datasheet
162Kb / 2P
   25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F230 SILABS-C8051F230 Datasheet
414Kb / 2P
   25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F331 SILABS-C8051F331 Datasheet
424Kb / 2P
   25 MIPS, 8 kB Flash, 20-Pin Mixed-Signal MCU
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com