|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5819 - SCHOTTKY BARRIER RECTIFIER - Zowie Technology Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE573 | Schottky Barrier Rectifier | 1 2 | NTE Electronics |
| PBYL1625 | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| PBYR1545CT | Rectifier diodes Schottky barrier | 1 2 3 4 5 More | NXP Semiconductors |
| PBYR30100WT | Rectifier diodes Schottky barrier | 1 2 3 4 5 | NXP Semiconductors |
| PBYR745F | Rectifier diodes Schottky barrier | 1 2 3 4 5 More | NXP Semiconductors |
| 20FWJ2C48M | SCHOTTKY BARRIER RECTIFIER STACK SWITCHING TYPE POWER SUPPLY APPLICATION | 1 2 3 | Toshiba Semiconductor |
| SL32 | LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Transys Electronics |
| SB1020FCT | 10A ISOLATION SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SB820 | 8.0A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SK12 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|