Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC590D Datasheet (PDF) - NXP Semiconductors

74HC590D Datasheet PDF - NXP Semiconductors
Part # 74HC590D
Download  74HC590D Download

File Size   543.53 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit binary counter with output register; 3-state

74HC590D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC590D Datasheet PDF - NXP Semiconductors

Part # 74HC590D
Download  74HC590D Click to download

File Size   543.53 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit binary counter with output register; 3-state

74HC590D Datasheet (HTML) - NXP Semiconductors

Back Button 74HC590D Datasheet HTML 1Page - NXP Semiconductors 74HC590D Datasheet HTML 2Page - NXP Semiconductors 74HC590D Datasheet HTML 3Page - NXP Semiconductors 74HC590D Datasheet HTML 4Page - NXP Semiconductors 74HC590D Datasheet HTML 5Page - NXP Semiconductors 74HC590D Datasheet HTML 6Page - NXP Semiconductors 74HC590D Datasheet HTML 7Page - NXP Semiconductors 74HC590D Datasheet HTML 8Page - NXP Semiconductors 74HC590D Datasheet HTML 9Page - NXP Semiconductors 74HC590D Datasheet HTML 10Page - NXP Semiconductors Next Button 

74HC590D Product details

General description
The 74HC590 is a high-speed Si-gate CMOS device and is pin compatible with Low power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard no. 7A.
The 74HC590 is an 8-bit binary counter with a storage register and 3-state outputs. The storage register has parallel (Q0 to Q7) outputs. The binary counter features a master reset counter (MRC) and count enable (CE) inputs. The counter and storage register have separate positive edge triggered clock (CPC and CPR) inputs. If both clocks are connected together, the counter state always is one count ahead of the register. Internal circuitry prevents clocking from the clock enable. A ripple carry output (RCO) is provided for cascading. Cascading is accomplished by connecting RCO of the first stage to CE of the second stage. Cascading for larger count chains can be accomplished by connecting RCO of each stage to the counter clock (CPC) input of the following stage. If both clocks are connected together, the counter state always is one count ahead of the register.

Features
■ Counter and register have independent clock inputs
■ Counter has master reset
■ Complies with JEDEC standard no. 7A
■ Multiple package options
■ ESD protection:
   ◆ HBM JESD22-A114E exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V
   ◆ CDM JESD22-C101C exceeds 2000 V
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C




Similar Part No. - 74HC590D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC590D NEXPERIA-74HC590D Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results


Similar Description - 74HC590D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
   8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
logo
STMicroelectronics
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
   8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590_15 Datasheet
143Kb / 12P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Hitachi Semiconductor
HD74HC590 HITACHI-HD74HC590 Datasheet
66Kb / 11P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
Toshiba Semiconductor
TC74HC590AP TOSHIBA-TC74HC590AP Datasheet
311Kb / 7P
   8-BIT BINARY COUNTER/REGISTER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC593 STMICROELECTRONICS-M54HC593 Datasheet
274Kb / 12P
   8 BIT BINARY COUNTER WITH INPUT REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC590 RENESAS-HD74HC590 Datasheet
121Kb / 10P
   8-bit Binary Counter/Register (with 3-state outputs)
logo
STMicroelectronics
M54HC590 STMICROELECTRONICS-M54HC590 Datasheet
827Kb / 16P
   RAD-HARD 8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
logo
Hitachi Semiconductor
HD74HC592 HITACHI-HD74HC592 Datasheet
62Kb / 9P
   8-bit Register/Binary Counter
logo
Renesas Technology Corp
HD74HC592 RENESAS-HD74HC592 Datasheet
107Kb / 9P
   8-bit Register/Binary Counter
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com