Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W02M Datasheet (PDF) - Changzhou Shunye Electronics Co.,Ltd.

W02M Datasheet PDF - Changzhou Shunye Electronics Co.,Ltd.
Part # W02M
Download  W02M Download

File Size   236.79 Kbytes
Page   2 Pages
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.
Description SILICON BRIDGE RECTIFIERS

W02M Datasheet (PDF)

Go To PDF Page Download Datasheet
W02M Datasheet PDF - Changzhou Shunye Electronics Co.,Ltd.

Part # W02M
Download  W02M Click to download

File Size   236.79 Kbytes
Page   2 Pages
Manufacturer  SY [Changzhou Shunye Electronics Co.,Ltd.]
Direct Link  http://my.import.or.kr/diodecn/index.html
Logo SY - Changzhou Shunye Electronics Co.,Ltd.
Description SILICON BRIDGE RECTIFIERS

W02M Datasheet (HTML) - Changzhou Shunye Electronics Co.,Ltd.

W02M Datasheet HTML 1Page - Changzhou Shunye Electronics Co.,Ltd. W02M Datasheet HTML 2Page - Changzhou Shunye Electronics Co.,Ltd.

W02M Product details

Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes



FEATURES

The plastic package carries Underwriters Laboratory Flammability Classification 94V-0

Ideal for printed circuit boards

Low reverse leakage

High forward surge current capability

High temperature soldering guaranteed: 260℃/10 seconds,0.375”(9.5mm) lead length,5 lbs. (2.3kg) tension



Case: Molded plastic body

Terminals: Plated leads solderable per MIL-STD-750,

Method 2026

Polarity: Polarity symbols marked on case

Mounting Position: Any

Weight:0.042 ounce, 1.2 grams

MECHANICAL DATA




Similar Part No. - W02M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
W02M WTE-W02M Datasheet
45Kb / 3P
   1.5A BRIDGE RECTIFIER
logo
Micro Commercial Compon...
W02M MCC-W02M Datasheet
310Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts Any Mounting Position
logo
Won-Top Electronics
W02M WTE-W02M Datasheet
57Kb / 4P
   1.5A SINGLE-PHASE BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
W02M SEMTECH_ELEC-W02M Datasheet
190Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
W02M RECTRON-W02M Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
More results


Similar Description - W02M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com