|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TC2502 - 25A 5/16 TIN CAN TYPE PRESS-FIT DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TC3500 | 35A 5/16 TIN CAN TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| LD2500 | 25A 10mm LUCAS TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD2500 | 25A BOSCH TYPE PRESS-FIT DIODE | 1 2 3 | Won-Top Electronics |
| LD3500 | 35A 10mm LUCAS TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| LD5000 | 50A 10mm LUCAS TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| PF2500 | 25A 1/2 PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| PFW2500 | 25A 1/2 FLAG LEAD PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD3500 | 35A BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| BD5000 | 50A BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| NX5312 | NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s 622 Mb/s 1.25 Gb/s APPLICATIONS | 1 2 3 4 5 | California Eastern Labs |
Datasheet Page |
1 2 |
Link URL |
|
|