![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : KBU8005(4) KBU800G(4) KBU800_(1) |
|
Click Here View KBU800G Datasheet
|
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| GBU8A | 8.0A GLASS PASSIVATED BRIDGE RECTIFIER | Won-Top Electronics |
| GBJ8005 | 8.0A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| GBU8005 | 8.0A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| KBPC800G | 8.0A GLASS PASSIVATED BRIDGE RECTIFIER | Won-Top Electronics |
| STPR805DB | 8.0A SUPER-FAST GLASS PASSIVATED RECTIFIER | Diodes Incorporated |
| GBU8A | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | TRSYS |
| DF150 | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | Won-Top Electronics |
| DB101 | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER | Rectron Semiconductor |
| MP2505 | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes | Rectron Semiconductor |
| W005L | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes | Rectron Semiconductor |
| Related keyword |
| KBU800G Datasheet | KBU800G Cross Reference | KBU800G Schematic | KBU800G Distributor | KBU800G Datenblatt | KBU800G RoHS |
| KBU800G Equivalent | KBU800G Application Notes | KBU800G Data Sheet | KBU800G component | KBU800G Fiche Technique | KBU800G Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |