|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBPC15GS - 15,25,35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KBPC1000GS | 10A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBPC2500GS | 25 Amp Glass Passivated In-Line Bridge Rectifier 50 to 1000 Volts | 1 2 | Micro Commercial Components |
| GBPC35005 | 35A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| KBPC15G | 15 25 35A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC40GS | 40 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| 2KBP005M | IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE | 1 2 | Transys Electronics |
| GBU4A | 4.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBP200G | 2.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| RS401L | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere | 1 2 | Rectron Semiconductor |
| D8SB10 | SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER | 1 | Shanghai Sunrise Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|