|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBPC15G - 15,25,35A GLASS PASSIVATED BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBPC35005 | 35A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| KBPC15GS | 15 25 35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| GBU4A | 4.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBP200G | 2.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| RS401L | SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere | 1 2 | Rectron Semiconductor |
| D8SB10 | SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER | 1 | Shanghai Sunrise Electronics |
| GBU6A | SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Shanghai Lunsure Electronic Tech |
| HD01 | 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| W005G | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| KBP005G | 1.5 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER | 1 | Fuji Electric |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|