|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBJ25A - 25A BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| KBJ2510 | 25A SINGLE PHASE SILICON BRIDGE RECTIFIER | 1 2 | List of Unclassifed Manufacturers |
| DBF250 | 25A Single-Phase Bridge Rectifier | 1 2 3 | Sanyo Semicon Device |
| GBJ25005 | 25A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| GBPC25005 | 25A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| SBA250-09R | 90V 25A Rectifier | 1 2 3 | Sanyo Semicon Device |
| 1863655X | Mega StarLEDs T5 16x35mm E14 with bridge rectifier | 1 | Chicago Miniature Lamp,inc |
| 1863123X | Mega StarLEDs T5 16x35mm BA15d with bridge rectifier | 1 | Chicago Miniature Lamp,inc |
| 1860325X | StarLEDs T31/4 10x25mm E10 with bridge rectifier | 1 | Chicago Miniature Lamp,inc |
| NTE5309 | Single Phase Bridge Rectifier 4 Amp | 1 2 | NTE Electronics |
| B40C3700 | 3.7A BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|