|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBJ15A - 15A BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DBF150 | 15A Single-Phase Bridge Rectifier | 1 2 3 | Sanyo Semicon Device |
| GBJ15005 | 15A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| GBPC15005 | 15A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| MP1500 | 15A BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| S15VTA60 | 3 Phase Bridge Diode 600V 15A | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
| 1507145XXXUC | StarLEDs T6 8 with bridge rectifier | 1 | Chicago Miniature Lamp,inc |
| 20U6P45 | RECTIFIER MODULE THREE PHASE FULL WAVE BRIDGE APPLICATIONS | 1 2 | Toshiba Semiconductor |
| 2KBP005M | 2.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| GBPC40G | 40 50A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBP150 | 1.5A BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|