|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GBU4D - 4.0A GLASS PASSIVATED BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBL005 | 4.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBL400G | 4.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBU400G | 4.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| GBU4005 | 4.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| KBJ4005G | 4.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| GBPC40G | 40 50A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBP200G | 2.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| DF005S | SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Zowie Technology Corporation |
| EDB101S | GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere | 1 2 | Rectron Semiconductor |
| D8SB10 | SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER | 1 | Shanghai Sunrise Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|