|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GBPC40P - 40, 50A HIGH CURRENT BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBPC40 | 40 50A HIGH CURRENT BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBPC15 | 15 25 35A HIGH CURRENT BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| MB1005-1010 | High Current Bridge Rectifier | 1 2 | Comchip Technology |
| KBPC | High Current Bridge Rectifier | 1 2 3 | Comchip Technology |
| MB15 | HIGH CURRENT SILICON BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| S15VB10 | High Current Glass Passivated Single-Phase Bridge Rectifier | 1 2 | Leshan Radio Company |
| S25VB10 | High Current Glass Passivated Single-Phase Bridge Rectifier | 1 2 | Leshan Radio Company |
| KBPC1000 | 10A HIGH CURRENT BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| CM1000 | HIGH CURRENT SILICON BRIDGE RECTIFIERS VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes | 1 2 | Pan Jit International Inc. |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|