|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GBPC40G - 40, 50A GLASS PASSIVATED BRIDGE RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GBPC40GS | 40 50A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBJ6005G | SINTERED GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Zowie Technology Corporation |
| D8SB10 | SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER | 1 | Shanghai Sunrise Electronics |
| GBU6A | SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Shanghai Lunsure Electronic Tech |
| GBU8005 | 8.0A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | Diodes Incorporated |
| GBPC1005 | GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 | General Semiconductor |
| HD01 | 0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts | 1 2 | Micro Commercial Components |
| FB5000 | 50 Amp. Glass Passivated Bridge Rectifier | 1 2 | List of Unclassifed Manufacturers |
| B40C1500R | 1.5 Amp. Glass Passivated Bridge Rectifier | 1 2 | List of Unclassifed Manufacturers |
| FBI8A5M1 | 8 Amp. Glass Passivated Bridge Rectifier | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|