|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
5KP13A - 5000W TRANSIENT VOLTAGE SUPPRESSORS - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TISP3082L | DUAL SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Power Innovations Ltd |
| TISP4290LP | SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 More | Power Innovations Ltd |
| P6KE | 600W TRANSIENT VOLTAGE SUPPRESSORS | 1 2 3 4 5 | Won-Top Electronics |
| 1N6373 | 1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors | 1 2 3 4 5 More | ON Semiconductor |
| 1.5KE33A | TRANSZORB Transient Voltage Suppressors | 1 2 3 | Diodes Incorporated |
| ESD5Z2.5T1 | Transient Voltage Suppressors | 1 2 3 4 | ON Semiconductor |
| P6KE6.8A | 600 Watt Peak Power Surmetic-40 Zener Transient Voltage Suppressors | 1 2 3 4 5 More | ON Semiconductor |
| SM6S | Surface Mount Automotive Transient Voltage Suppressors | 1 2 3 | Vishay Siliconix |
| 5KP50CAS | 5000W TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|