|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DD500 - 50A 8.4mm/9.5mm DISH DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DD200 | 20A 8.4mm/9.5mm DISH DIODE | 1 2 | Won-Top Electronics |
| TVS3527D | 35 AMP OVERVOLTAGE TRANSIENT DISH DIODE | 1 | DIOTEC Electronics Corporation |
| AR50A | 50A AUTOMOTIVE BUTTON DIODE | 1 2 | Won-Top Electronics |
| PT50S8 | DIODE MODULE 50A/800V | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| DD300 | 30A 8.4mm/9.5mm DISH DIODE | 1 2 | Won-Top Electronics |
| BD5000 | 50A BOSCH TYPE PRESS-FIT DIODE | 1 2 | Won-Top Electronics |
| FFH50US60S | 50A 600V Stealth⢠Diode | 1 2 3 4 5 More | Fairchild Semiconductor |
| PT50S16 | DIODE MODULE 50A /1600V | 1 2 3 4 5 | Nihon Inter Electronics Corporation |
| RHRG50100 | 50A 1000V Hyperfast Diode | 1 2 3 | Intersil Corporation |
| PT508C | DIODE MODULE 50A/800V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|