|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
C2540 - 40A GLASS PASSIVATED AVALANCHE RECTIFIER CELL - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EGP10A | 1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier | 1 2 | List of Unclassifed Manufacturers |
| EGP30A | 3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier | 1 2 | List of Unclassifed Manufacturers |
| AR2540 | 40A GLASS PASSIVATED AVALANCHE BUTTON DIODE | 1 2 | Won-Top Electronics |
| EGP50A | 5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier | 1 2 | List of Unclassifed Manufacturers |
| SEN-R-1050-XXX | TRANSIENT VOLTAGE SUPPRESSOR 5000 WATT SERIES GLASS PASSIVATED DIE/CELL | 1 2 3 4 | Sensitron |
| TE100R | GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER | 1 2 | Transys Electronics |
| UF300G | GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER | 1 2 | Transys Electronics |
| ER800F | 8.0A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
| KBP150G | 1.5A GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| S3A | 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER | 1 2 3 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|