|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5400 - 3.0A SILICON RECTIFIER - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SK32 | 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| RS3A | 3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER | 1 2 | Diodes Incorporated |
| NTE117 | General Purpose Silicon Rectifier | 1 | NTE Electronics |
| NTE518 | Silicon High Voltage Rectifier for TV Applications | 1 | NTE Electronics |
| NTE5400 | Silicon Controlled Rectifier SCR 0.8 Amp Sensitive Gate | 1 2 | NTE Electronics |
| NTE5498 | Silicon Controlled Rectifier SCR 12 Amp | 1 2 | NTE Electronics |
| NTE5580 | Silicon Controlled Rectifier for Phase Control Applications | 1 2 | NTE Electronics |
| NTE5812 | 6 Amp Plastic Silicon Rectifier | 1 | NTE Electronics |
| NTE598 | Silicon Rectifier Ultra Fast 600V 8A | 1 2 | NTE Electronics |
| NTE6090 | Silicon Dual Power Rectifier | 1 2 | NTE Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|