Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0179A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA0179A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA0179A
Download  TA0179A Download

File Size   812.33 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 942.5MHz

TA0179A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA0179A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0179A
Download  TA0179A Click to download

File Size   812.33 Kbytes
Page   6 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Filter 942.5MHz

TA0179A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TA0179A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0179A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0179A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0179A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0179A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0179A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.

TA0179A Product details

MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC voltage: 0 V
3. Operating Temperature: -30℃ to +80℃
4. Storage Temperature: -40℃ to +85℃




Similar Part No. - TA0179A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0174A TAI-SAW-TA0174A Datasheet
543Kb / 6P
   SAW Filter 2140 MHz for Mobile Communication
logo
Golledge Electronics Lt...
TA0174A GOLLEDGE-TA0174A Datasheet
286Kb / 6P
   SAW Filter for Mobile Communication 2140MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0174B TAI-SAW-TA0174B Datasheet
447Kb / 7P
   SAW Filter 2140 MHz for Mobile Communication
TA0174C TAI-SAW-TA0174C Datasheet
693Kb / 7P
   SAW Filter 2140 MHz 60MHz Bw for Mobile Communication
TA0174G TAI-SAW-TA0174G Datasheet
428Kb / 7P
   SAW Filter 2140 MHz SMD 3X3 mm
More results


Similar Description - TA0179A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA06345 GOLLEDGE-MA06345 Datasheet
184Kb / 5P
   SAW Filter 942.5MHz
MA06221 GOLLEDGE-MA06221 Datasheet
113Kb / 5P
   SAW Filter 942.5MHz
MA04236 GOLLEDGE-MA04236 Datasheet
203Kb / 5P
   SAW Filter 942.5MHz
logo
Abracon Corporation
AFS942.5W02-TS4 ABRACON-AFS942.5W02-TS4 Datasheet
264Kb / 2P
   SMD 942.5MHz SAW FILTER
AFS942.5W01-TS4 ABRACON-AFS942.5W01-TS4 Datasheet
1Mb / 2P
   SMD 942.5MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0394A TAI-SAW-TA0394A Datasheet
1Mb / 6P
   SAW Filter 942.5MHz SMD 3.0횞3.0
logo
SIPAT Co,Ltd
LBT94201 SIPAT-LBT94201 Datasheet
173Kb / 3P
   942.5MHz SAW Filter 24MHz Bandwidth
LBT94303 SIPAT-LBT94303 Datasheet
346Kb / 3P
   942.5MHz SAW Filter 35MHz Bandwidth
LBT94304 SIPAT-LBT94304 Datasheet
177Kb / 3P
   942.5MHz SAW Filter 24MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0152A TAI-SAW-TA0152A Datasheet
1Mb / 7P
   SAW Filter 942.5MHz For EGSM SMD 3.0횞3.0
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com