|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UVP-7188 - 0.787 inch ( 20.0mm ) 8X8 DOT MATRIX LED DISPLAY - Unity Opto Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UVP-2688 | 1.85 inch 47.0mm 8X8 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| UVP-2X88 | 2.3 inch 58.42mm 8X8 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| UVP-7X7 | 0.7 inch 17.22mm 5X7 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| TBC23-12EGWA | 58mm 2.3 INCH 8x8 DOT MATRIX DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| GMA26881C | 2.3 INCH 58.4mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| TA15-11EWA | 38mm 1.5 INCH 8x8 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| GMA3688C | 1.5 INCH 37.9mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| GMA46881C | 1.85 INCH 47.0mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| GMA4Y881C | 1.88 INCH 47.7mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 | QT Optoelectronics |
| UVP-1X57A | 1.2 inch 30.42mm 5X7 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|