|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UVP-1X57A - 1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY - Unity Opto Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UVP-2057A | 2.0 inch 50.80mm 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES | 1 2 3 4 5 | Unity Opto Technology |
| UVP-3X57 | 3.0 inch 76.2mm 5X7 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| UVP-4X57XX | 4.0 inch 101.6mm 5X7 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| UVP-7X7 | 0.7 inch 17.22mm 5X7 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| C-3570X | 1.2 INCH 5 X 7 DOT MATRIX DISPLAY | 1 | List of Unclassifed Manufacturers |
| UVP-2688 | 1.85 inch 47.0mm 8X8 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| LTP-757HR | 0.7 inch 5x7 SINGLE COLOR DOT MATRIX DISPLAY | 1 2 3 4 5 More | Lite-On Technology Corporation |
| UVP-2X44 | 2.0 inch 50.80mm 4X4 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| C-3880X | 1.2 INCH 8 X 8 DOT MATRIX DISPLAY | 1 | List of Unclassifed Manufacturers |
| UVP-2X58XX | 2.3 inch 58.42mm 5X8 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|