|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UVD-323 - 0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS - Unity Opto Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UVD-4X2XC | 0.4 inch 10.21 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVD-6XX0 | 0.56 inch 14.22 mm DUAL DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-54XA | 0.52 inch 13.2 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| SA03-11EWA | 7MM 0.3 INCH SINGLE DIGIT NUMERIC DISPLAYS | 1 2 3 4 5 | Kingbright Corporation |
| UVS-5X01A | 0.56 inch 14.22 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-6XX0 | 0.56 inch 14.2 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| MS213A | 0.3 DUAL DIGIT NUMERIC DISPLAYS | 1 2 | Micro Electronics |
| UVS-340XL | 0.8 inch 20.32 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-36X | 0.36 inch 9.14 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
| UVS-40XXA | 0.4 inch 10.16 mm SINGLE DIGIT NUMERIC LED DISPLAYS | 1 2 3 4 5 | Unity Opto Technology |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|