Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIE-324H4 Datasheet (PDF) - Unity Opto Technology

MIE-324H4 Datasheet PDF - Unity Opto Technology
Part # MIE-324H4
Download  MIE-324H4 Download

File Size   31.5 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE

MIE-324H4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIE-324H4 Datasheet PDF - Unity Opto Technology

Part # MIE-324H4
Download  MIE-324H4 Click to download

File Size   31.5 Kbytes
Page   2 Pages
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE

MIE-324H4 Datasheet (HTML) - Unity Opto Technology

MIE-324H4 Datasheet HTML 1Page - Unity Opto Technology MIE-324H4 Datasheet HTML 2Page - Unity Opto Technology

MIE-324H4 Product details

Description

The MIE-324H4 is a GaAlAs infrared LED having a peak wavelength at 850nm. It features ultra-high power, high response speed and molded package with higher radiant intensity. In addition to improving the S/N ratio in applied optical systems, the MIE-324H4 has greatly improved long-distance characteristics as well as significantly increased its range of applicability .



Features

• Ultra-High radiant intensity

• High response speed

• Standard T-1 ( Φf 3mm ) package, radiant angle : 40°

• Peak wavelength λp= 850 nm




Similar Part No. - MIE-324H4

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-324A2 UOT-MIE-324A2 Datasheet
32Kb / 2P
   AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-324A4 UOT-MIE-324A4 Datasheet
32Kb / 2P
   AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
More results


Similar Description - MIE-324H4

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304L3 UOT-MIE-304L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-334H4 UOT-MIE-334H4 Datasheet
31Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-334L3 UOT-MIE-334L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-304H4 UOT-MIE-304H4 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
MIE-514L3 UOT-MIE-514L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524L3 UOT-MIE-524L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534L3 UOT-MIE-534L3 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824H2 UOT-MIE-824H2 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-516L3U UOT-MIE-516L3U Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com