|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CND2050 - 0.5-11.5 GHz Divide by 4 Static Prescaler - United Monolithic Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPB1508GV | 3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS | 1 2 3 4 5 More | NEC |
| UPB1510GV | 3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS | 1 2 3 4 5 More | NEC |
| UPG501 | 5 GHz DIVIDE-BY-4 STATIC PRESCALER | 1 2 | NEC |
| UPB1512TU | NECs 13 GHz INPUT DIVIDE BY 8 PRESCALER IN FOR SATELLITE COMMUNICATIONS | 1 2 3 4 5 More | California Eastern Labs |
| UPB1505GR | 3.0 GHz PRESCALER DIVIDED BY 256 128 64 FOR BS/CS TUNER | 1 2 3 4 5 More | NEC |
| MB15E05L | Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MC12026A | 1.1 GHz Dual Modulus Prescaler | 1 2 3 4 5 More | ON Semiconductor |
| UPB1506GV | 3GHz INPUT DIVIDE BY 256 128 64 PRESCALER IC FOR ANALOG DBS TUNERS | 1 2 3 4 5 More | NEC |
| DS8629 | 120 MHz DIVIDE BY 100 PRESCALER | 1 2 3 | National Semiconductor |
| MB15E05SL | Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler | 1 2 3 4 5 More | Fujitsu Component Limited. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|