|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SS16 - SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER - Transys Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SL32 | LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Transys Electronics |
| SB820D | 8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SK22 | 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| FM120M | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere | 1 2 | Rectron Semiconductor |
| SS12 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 | Shanghai Sunrise Electronics |
| B270 | 2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| BAT750 | 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| MBRM560 | 5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBG2030CT | 20A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Diodes Incorporated |
| SS12 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | General Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|