|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
S2A - SURFACE MOUNT RECTIFIER - Transys Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MBRB2545CT | SWITCHMODE⢠Power Rectifier D2PAK Surface Mount Power Package | 1 2 3 4 5 More | Motorola, Inc |
| ES1A | SURFACE MOUNT SUPERFAST RECTIFIER | 1 2 | Pan Jit International Inc. |
| FR1A | SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere | 1 2 | Surge Components |
| UF3A | SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampereããã | 1 2 | Surge Components |
| GS1A | SURFACE MOUNT RECTIFIER | 1 2 | Transys Electronics |
| UF1A | SURFACE MOUNT ULTRAFAST RECTIFIER | 1 2 | Transys Electronics |
| DF150S | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 3 | Won-Top Electronics |
| FR3A | 3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER | 1 2 3 | Won-Top Electronics |
| SD1020CS | 10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| SL12 | 1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|