|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TQ8015 - 1.25 Gigabit/sec 16x16 Digital ECL Crosspoint Switch - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TQ8017 | 1.25 Gigabit/sec 16x16 Digital PECL Crosspoint Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| TQ8016 | 1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| TQ8032 | 800 Megabit/sec 32x32 Digital ECL Crosspoint Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| TQ8025 | 2.5 Gigabit/sec 16x16 Digital Crosspoint Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| AD8150 | 33 x 17 1.5 Gbps Digital Crosspoint Switch | 1 2 3 4 5 More | Analog Devices |
| AD8151 | 33 x 17 3.2 Gb/s Digital Crosspoint Switch | 1 2 3 4 5 More | Analog Devices |
| CLC018 | 8 x 8 Digital Crosspoint Switch 1.4 Gbps | 1 2 3 4 5 More | National Semiconductor |
| MSX532 | 532 Port Digital Crosspoint Switch with LVTTL I/Oâs | 1 2 3 4 5 More | Fairchild Semiconductor |
| TQ8034 | 1.6 Gbit/sec 3.3V 34x34 Digital Crosspoint Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| AS3588A | DIGITAL TIME/SPACE CROSSPOINT SWITCH | 1 2 3 4 5 More | austriamicrosystems AG |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|