|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGF4112 - 12 mm Discrete HFET - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGF4250-SCC | DC - 10.5 GHz Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGF4260-SCC | 9.6 mm Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGF4118 | 18 mm Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGF4240-SCC | 2.4 mm Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGF4124 | 24 mm Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGF4230 | 1.2mm Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGF4240 | 2.4mm Discrete HFET | 1 | TriQuint Semiconductor |
| TGF4250 | 4.8 mm Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGF4260 | 9.6mm Discrete HFET | 1 | TriQuint Semiconductor |
| TGF4230-SCC | DC - 12 GHz Discrete HFET | 1 2 3 4 5 More | TriQuint Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|