|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGC1439A - 18 - 20 GHz 5-Bit Phase Shifter - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGP1439-EPU | 18 - 20 GHz 5-Bit Phase Shifter | 1 2 3 4 5 | TriQuint Semiconductor |
| TGP2100-EPU | 30 GHz 5-Bit Phase Shifter | 1 2 3 4 5 More | TriQuint Semiconductor |
| TGP2102-EPU | 35 GHz 5-Bit Phase Shifter | 1 2 3 4 5 More | TriQuint Semiconductor |
| 6602 | PHASE SHIFTER DC TO 2 4 AND 8 GHZ COAXIAL HIGH POWER | 1 2 3 | Filtronic Compound Semiconductors |
| HMC538LP4 | 600° ANALOG PHASE SHIFTER 6 - 15 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| 6605 | PHASE SHIFTER DC TO 18 26.5 GHZ COAXIAL | 1 2 3 | Filtronic Compound Semiconductors |
| TGP6336 | 6 - 18 GHz Phase Shifter | 1 2 3 4 5 More | TriQuint Semiconductor |
| 6706 | PHASE SHIFTER DC TO 2 4 AND 8 GHZ COAXIAL | 1 2 3 4 | Filtronic Compound Semiconductors |
| TGP2103 | 8.5 - 11 GHz 6-Bit Phase Shifter | 1 2 3 4 5 More | TriQuint Semiconductor |
| HMC247 | 400° ANALOG PHASE SHIFTER 5 - 18 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|