|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGA9088A - 17-21 GHz Intermediate Power Amplifier - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGA9088A-SCC | 17-21 GHz Medium Power Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| XP1018 | 35.0-45.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| LX5510 | InGaP HBT 2.4-2.5 GHz Power Amplifier | 1 2 3 4 5 More | Microsemi Corporation |
| TGA9070 | 23 - 29 GHz High Power Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| MC-7894 | 1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | NEC |
| RMPA2455 | 2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier | 1 2 3 4 5 More | Fairchild Semiconductor |
| PA2423MB | 2.4 GHz Bluetooth Class 1 Power Amplifier IC Production Information | 1 2 3 4 5 More | SiGe Semiconductor, Inc. |
| CMA-40-2606 | Power Amplifier 26 GHz - 40 GHz | 1 2 | Teledyne Technologies Incorporated |
| CPA-8-2012 | Power Amplifier 2 GHz - 8 GHz | 1 2 | Teledyne Technologies Incorporated |
| CPA-13-6025 | Power Amplifier 6 GHz - 13 GHz | 1 2 | Teledyne Technologies Incorporated |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|