|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGA8061-SCC - .1 - 3.5 GHz Low Noise Amplifier - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| WHM2535-12AE | 2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| HMC392 | GaAs MMIC LOW NOISE AMPLIFIER 3.5 - 7.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| MAAM37000-A1 | L ow Noise GaAs MMIC Amplifier 3.5 - 7 GHz | 1 2 | Tyco Electronics |
| MRFIC1814 | 1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER | 1 2 3 4 | Motorola, Inc |
| MA01502D | Limiter/Low Noise Amplifier Die Preliminary Release 8.5 - 12.0 GHz | 1 2 3 4 5 | Tyco Electronics |
| MAAM12032 | Low Noise Amplifier 1.7 - 2.0 GHz | 1 2 3 | Tyco Electronics |
| BGB540LNA | BGB540 as a 1.85 GHz Low Noise Amplifier | 1 2 3 4 5 More | Infineon Technologies AG |
| HMC320MS8G | GaAs MMIC LOW NOISE AMPLIFIER 5.0 - 6.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC462LP5 | GaAs PHEMT MMIC LOW NOISE AMPLIFIER 2.0 - 20.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| TLA-18-6007 | Low Noise Amplifier 6 GHz - 18 GHz | 1 2 | Teledyne Technologies Incorporated |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|