|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TGA1342 - 2 -20 GHz Wideband AGC Amplifier - TriQuint Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TGA1342-SCC | 2-20 GHz Wideband AGC Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| RMM2080 | 2-18 GHz Wideband Variable-Gain Driver Amplifier | 1 2 3 4 5 | Fairchild Semiconductor |
| HMC586LC4B | WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 4.0 - 8.0 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC587LC4B | WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 5 - 10 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| UPC2745T | 3 V 2.7 GHz Si MMIC WIDEBAND AMPLIFIER | 1 2 3 4 5 | NEC |
| HMC588LC4B | WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER 8.0 - 12.5 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| HMC660LC4B | 0.02 - 4.5 GHz WIDEBAND 3 GS/s TRACK-AND-HOLD AMPLIFIER | 1 2 3 4 5 More | Hittite Microwave Corporation |
| TGA4832 | DC - 35 GHz Wideband Amplifier | 1 2 3 4 5 More | TriQuint Semiconductor |
| HMC-C003 | WIDEBAND POWER AMPLIFIER MODULE 2 - 20 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| SL6140 | 400MHz Wideband AGC Amplifier | 1 2 3 4 5 More | Mitel Networks Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|