Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDVR083V3U-HF Datasheet (PDF) - Comchip Technology

CPDVR083V3U-HF Datasheet PDF - Comchip Technology
Part # CPDVR083V3U-HF
Download  CPDVR083V3U-HF Download

File Size   200.89 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Diode

CPDVR083V3U-HF Datasheet (PDF)

Go To PDF Page Download Datasheet
CPDVR083V3U-HF Datasheet PDF - Comchip Technology

Part # CPDVR083V3U-HF
Download  CPDVR083V3U-HF Click to download

File Size   200.89 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD ESD Protection Diode

CPDVR083V3U-HF Datasheet (HTML) - Comchip Technology

CPDVR083V3U-HF Datasheet HTML 1Page - Comchip Technology CPDVR083V3U-HF Datasheet HTML 2Page - Comchip Technology CPDVR083V3U-HF Datasheet HTML 3Page - Comchip Technology CPDVR083V3U-HF Datasheet HTML 4Page - Comchip Technology CPDVR083V3U-HF Datasheet HTML 5Page - Comchip Technology

CPDVR083V3U-HF Product details

Features
   Halogen free.
   IEC61000-4-2 (ESD)±15kV(Contact),±20kV(Air).
   Working voltage: 3.3V
   Low leakage current.
   Low operating and clamping voltages.

Mechanical data
   Case: SOT-383F standard package,molded plastic.
   Terminals: Gold plated/Nipd, solderable per MIL-STD-750,method 2026.
   Mounting position: Any




Similar Part No. - CPDVR083V3U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
   SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
   SMD ESD Protection Diode
CPDVR083V3UA COMCHIP-CPDVR083V3UA Datasheet
201Kb / 5P
   SMD ESD Protection Diode
CPDVR083V3UA-HF COMCHIP-CPDVR083V3UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U_15 Datasheet
109Kb / 5P
   SMD ESD Protection Diode
More results


Similar Description - CPDVR083V3U-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com