Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZ9F10VST5G Datasheet (PDF) - ON Semiconductor

NZ9F10VST5G Datasheet PDF - ON Semiconductor
Part # NZ9F10VST5G
Download  NZ9F10VST5G Download

File Size   99.95 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators 200 mW SOD??23 Surface Mount

NZ9F10VST5G Datasheet (PDF)

Go To PDF Page Download Datasheet
NZ9F10VST5G Datasheet PDF - ON Semiconductor

Part # NZ9F10VST5G
Download  NZ9F10VST5G Click to download

File Size   99.95 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Zener Voltage Regulators 200 mW SOD??23 Surface Mount

NZ9F10VST5G Datasheet (HTML) - ON Semiconductor

NZ9F10VST5G Datasheet HTML 1Page - ON Semiconductor NZ9F10VST5G Datasheet HTML 2Page - ON Semiconductor NZ9F10VST5G Datasheet HTML 3Page - ON Semiconductor NZ9F10VST5G Datasheet HTML 4Page - ON Semiconductor

NZ9F10VST5G Product details

This series of Zener diodes is packaged in a SOD−923 surface mount package. They are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. They are well suited for applications such as cellular phones, hand held portables, and high density PC boards.

Specification Features
• Standard Zener Breakdown Voltage Range −2.4 V to 18 V
• Steady State Power Rating of 250 mW
• Small Body Outline Dimensions:
   0.039″ x 0.024″ (1.00 mm x 0.60 mm)
• Low Body Height: 0.016″ (0.40 mm)
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Tight Tolerance VZ
• SZ Prefix for Automotive and Other Applications Requiring Unique
   Site and Control Change Requirements; AEC−Q101 Qualified and
   PPAP Capable
• These are Pb−Free Devices




Similar Part No. - NZ9F10VST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZ9F10VST5G ONSEMI-NZ9F10VST5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD.923 Surface Mount
June, 2011 ??Rev. 1
NZ9F10VST5G ONSEMI-NZ9F10VST5G Datasheet
56Kb / 4P
   Zener Voltage Regulators
July, 2014 ??Rev. 3
More results


Similar Description - NZ9F10VST5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z2V4T1 ONSEMI-MM3Z2V4T1_06 Datasheet
58Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2006 ??Rev. 7
NZ9F2V4T5G ONSEMI-NZ9F2V4T5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
July, 2008 ??Rev. 1
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com