|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TA8420 - 1 CHIP DC FAN MOTOR DRIVER - Toshiba Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LB1868 | Two-Phase Brushless Fan Motor Driver | 1 2 3 4 | Sanyo Semicon Device |
| BA6908F | Single-phase full-wave motor driver for fan motor | 1 2 3 4 5 More | Rohm |
| LB1868M | Two-Phase Brushless Fan Motor Driver | 1 2 3 4 5 | Sanyo Semicon Device |
| LB11693 | Three-Phase Brushless Motor Driver for 24 V Fan Motors | 1 2 3 4 5 More | Sanyo Semicon Device |
| TDA5147CH | 12 V Voice Coil Motor VCM driver and spindle motor drive combination chip | 1 2 3 4 5 More | NXP Semiconductors |
| LB1695M | DC Fan Motor Driver | 1 2 3 4 5 More | Sanyo Semicon Device |
| BD6701F | 2-Phase Half-Wave Motor Driver for Fan Motor | 1 2 3 4 5 | Rohm |
| TDA5147K | 12 V Voice Coil Motor VCM driver and spindle motor drive combination chip | 1 2 3 4 5 More | NXP Semiconductors |
| LB1960M | Fan Motor 2-Phase Half-Wave Driver | 1 2 3 4 | Sanyo Semicon Device |
| BA6813F | 2-Phase Half-Wave Motor Driver for Fan Motor | 1 2 3 4 5 More | Rohm |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|