Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZRF11VB Datasheet (PDF) - Comchip Technology

CZRF11VB Datasheet PDF - Comchip Technology
Part # CZRF11VB
Download  CZRF11VB Download

File Size   226.41 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Zener Diode

CZRF11VB Datasheet (PDF)

Go To PDF Page Download Datasheet
CZRF11VB Datasheet PDF - Comchip Technology

Part # CZRF11VB
Download  CZRF11VB Click to download

File Size   226.41 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Zener Diode

CZRF11VB Datasheet (HTML) - Comchip Technology

CZRF11VB Datasheet HTML 1Page - Comchip Technology CZRF11VB Datasheet HTML 2Page - Comchip Technology CZRF11VB Datasheet HTML 3Page - Comchip Technology CZRF11VB Datasheet HTML 4Page - Comchip Technology CZRF11VB Datasheet HTML 5Page - Comchip Technology

CZRF11VB Product details

Voltage 2.4 to 39 Volts
Power 200 mWatts

Features
   200mW Power Dissipation.
   High Voltages from 2.4 ~ 39 V.
   Designed for mounting on small surface.
   Extremely thin/leadless package.
   Constant voltage control.
   Pb free product.

Mechanical data
   Case: 1005(2512)Standard package Molded plastic.
   Terminals: Gold plated, solderable per MIL-STD-750,method 2026.
   Polarity: Indicated by cathode band.
   Weight: 0.006 gram(approx.).




Similar Part No. - CZRF11VB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRF11VB-HF COMCHIP-CZRF11VB-HF Datasheet
137Kb / 5P
   SMD Zener Diode
More results


Similar Description - CZRF11VB

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com