|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TA8201AH - 18W BTL x 2CH AUDIO POWER AMPLIFIER - Toshiba Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE7145 | Intergrated Circuit 18W BTL x 2 Ch Audio Power Amplifier | 1 2 | NTE Electronics |
| TA8233BH | 30W BTL X 2ch Audio Power Amplifier | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA8215H | 18W BTL x 3CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA8254BHQ | 45W BTL X 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA8210AH | 20W BTL x 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA8220H | 30W BTL x 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| KIA6216H | BIPOLAR LINEAR INTEGRATED CIRCUIT 15W BTL X 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | KEC(Korea Electronics) |
| TA8221AH | 30W BTL x 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA8233AH | 30W BTL x 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
| TA8233H | 30W BTL x 2CH AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|