Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9259 Datasheet (PDF) - Silan Microelectronics Joint-stock

SA9259 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SA9259
Download  SA9259 Download

File Size   216.89 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE

SA9259 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA9259 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SA9259
Download  SA9259 Click to download

File Size   216.89 Kbytes
Page   10 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE

SA9259 Datasheet (HTML) - Silan Microelectronics Joint-stock

SA9259 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 10Page - Silan Microelectronics Joint-stock

SA9259 Product details

DESCRIPTION

The SA9259 is a 5-channel motor driver for driving focus actuator, tracking  actuator,  sled  motor,  spindle  motor  and  loading  motor  in products such as CD-PLAYER/VIDEO-CD drivers.



FEATURES

* Wide operating supply voltage range: 6V~13.2V

* Thermal shutdown circuit on chip

* Built-in 5V regulator controller.

* Level shift circuit on chip.

* Built-in Mute mode.

* Built-in Loading motor speed control circuit.

* Built-in 1 phase, full-wave, linear DC motor driver.



APPLICATIONS

* CD-PLAYER

* VIDEO-CD

* CAR-CD




Similar Part No. - SA9259

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
More results


Similar Description - SA9259

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
logo
Toshiba Semiconductor
TA8224H TOSHIBA-TA8224H Datasheet
425Kb / 12P
   MULTI OUTPUT VOLTAGE REGULATOR FOR CD PLAYER
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com