Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C32B Datasheet (PDF) - Integrated Silicon Solution, Inc

IS25C32B Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS25C32B
Download  IS25C32B Download

File Size   591.85 Kbytes
Page   15 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K-BIT SPI AUTOMOTIVE EEPROM

IS25C32B Datasheet (PDF)

Go To PDF Page Download Datasheet
IS25C32B Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS25C32B
Download  IS25C32B Click to download

File Size   591.85 Kbytes
Page   15 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 32K-BIT SPI AUTOMOTIVE EEPROM

IS25C32B Datasheet (HTML) - Integrated Silicon Solution, Inc

Back Button IS25C32B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C32B Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button 

IS25C32B Product details

DESCRIPTION
The IS25C32B is an electrically erasable PROM device that uses the Serial Peripheral Interface (SPI) for communications. The IS25C32B is 32Kbit (4096 x 8). It is offered in a wide operating voltage range of 2.7V to 3.6V to be compatible with most application voltages. ISSI designed the IS25C32B to be an effcient SPI EEPROM solution. The devices are packaged in 8-pin SOIC (JEDEC) and 8-pin TSSOP.

FEATURES
• Serial Peripheral Interface (SPI) Compatible
    — Supports SPI Modes 0 (0,0) and 3 (1,1)
• Wide Voltage Operation
    — Vcc = 2.7V to 3.6V
• Low power CMOS
    — Active current: 4 mA (max)
    — Standby current: 5 µA (max)
• Block Write Protection
    — Protect 1/4, 1/2, or Entire Array
• 32 byte page write mode
    — Partial page writes allowed
• 10 MHz Clock Rate (3.6V)
• Self timed write cycles
    — 5 ms max @ 2.7V
• High-reliability
    — Endurance: 1 million cycles
    — Data retention: 100 years
• Temperature: -40oC to 125oC
• Packages (8-pin): SOIC/SOP and TSSOP




Similar Part No. - IS25C32B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A-2GI ISSI-IS25C32A-2GI Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A-2GI ISSI-IS25C32A-2GI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A-2GLI ISSI-IS25C32A-2GLI Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Similar Description - IS25C32B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
   32K SPI Bus Serial EEPROM
2004
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25AA320A MICROCHIP-25AA320A Datasheet
425Kb / 26P
   32K SPI Bus Serial EEPROM
2007
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com