Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516DA726XFC-A80 Datasheet (PDF) - Elpida Memory

MC-4516DA726XFC-A80 Datasheet PDF - Elpida Memory
Part # MC-4516DA726XFC-A80
Download  MC-4516DA726XFC-A80 Download

File Size   176.91 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-4516DA726XFC-A80 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4516DA726XFC-A80 Datasheet PDF - Elpida Memory

Part # MC-4516DA726XFC-A80
Download  MC-4516DA726XFC-A80 Click to download

File Size   176.91 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE

MC-4516DA726XFC-A80 Datasheet (HTML) - Elpida Memory

Back Button MC-4516DA726XFC-A80 Datasheet HTML 1Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 2Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 3Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 4Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 5Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 6Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 7Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 8Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 9Page - Elpida Memory MC-4516DA726XFC-A80 Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4516DA726XFC-A80 Product details

Description

The MC-4516DA726 is a 16,777,216 words by 72 bits synchronous dynamic RAM module on which 9 pieces of 128M SDRAM: µPD45128841 are assembled.

These modules provide high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.

Decoupling capacitors are mounted on power supply line for noise reduction.



Features

• 16,777,216 words by 72 bits organization (ECC type)

• Clock frequency and access time from CLK

• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge

• Pulsed interface

• Possible to assert random column address in every cycle

• Quad internal banks controlled by BA0 and BA1 (Bank Select)

• Programmable burst-length (1, 2, 4, 8 and Full Page)

• Programmable wrap sequence (Sequential / Interleave)

• Programmable /CAS latency (2, 3)

• Automatic precharge and controlled precharge

• CBR (Auto) refresh and self refresh

• All DQs have 10 Ω ±10 % of series resistor

• Single 3.3 V ± 0.3 V power supply

• LVTTL compatible

• 4,096 refresh cycles / 64 ms

• Burst termination by Burst Stop command and Precharge command

• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)

• Registered type

• Serial PD



 



Similar Part No. - MC-4516DA726XFC-A80

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726EFC-A10 NEC-MC-4516DA726EFC-A10 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726EFC-A80 NEC-MC-4516DA726EFC-A80 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726PFC-A10 NEC-MC-4516DA726PFC-A10 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726PFC-A80 NEC-MC-4516DA726PFC-A80 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Similar Description - MC-4516DA726XFC-A80

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D16DA721 ELPIDA-MC-45D16DA721 Datasheet
180Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA727XFA ELPIDA-MC-4532DA727XFA Datasheet
162Kb / 14P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC727 NEC-MC-4564EC727 Datasheet
182Kb / 6P
   64M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com