Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4R256CPE6C Datasheet (PDF) - Elpida Memory

MC-4R256CPE6C Datasheet PDF - Elpida Memory
Part # MC-4R256CPE6C
Download  MC-4R256CPE6C Download

File Size   175.83 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)

MC-4R256CPE6C Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4R256CPE6C Datasheet PDF - Elpida Memory

Part # MC-4R256CPE6C
Download  MC-4R256CPE6C Click to download

File Size   175.83 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)

MC-4R256CPE6C Datasheet (HTML) - Elpida Memory

Back Button MC-4R256CPE6C Datasheet HTML 1Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 2Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 3Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 4Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 5Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 6Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 7Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 8Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 9Page - Elpida Memory MC-4R256CPE6C Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4R256CPE6C Product details

Description
The Direct Rambus RIMM module is a general-purpose high-performance memory module subsystem suitable for use in a broad range of applications including computer memory, personal computers, workstations, and other applications where high bandwidth and low latency are required.
MC-4R256CPE6C modules consists of sixteen 128M Direct Rambus DRAM (Direct RDRAM™) devices (µPD488448). These are extremely high-speed CMOS DRAMs organized as 8M words by 16 bits. The use of Rambus Signaling Level (RSL) technology permits 600MHz, 711MHz or 800MHz transfer rates while using conventional system and board design technologies.

Features
• 184 edge connector pads with 1mm pad spacing
• 256 MB Direct RDRAM storage
• Each RDRAM® has 32 banks, for 512 banks total on module
• Gold plated contacts
• RDRAMs use Chip Scale Package (CSP)
• Serial Presence Detect support
• Operates from a 2.5 V supply
• Low power and powerdown self refresh modes
• Separate Row and Column buses for higher efficiency
• Over Drive Factor (ODF) support



Similar Part No. - MC-4R256CPE6C

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
MC-4R256CPE6C-653 NEC-MC-4R256CPE6C-653 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
MC-4R256CPE6C-745 NEC-MC-4R256CPE6C-745 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
MC-4R256CPE6C-845 NEC-MC-4R256CPE6C-845 Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
More results


Similar Description - MC-4R256CPE6C

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8D-840 ELPIDA-MC-4R256FKE8D-840 Datasheet
128Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com