Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-45V16AB642 Datasheet (PDF) - Elpida Memory

MC-45V16AB642 Datasheet PDF - Elpida Memory
Part # MC-45V16AB642
Download  MC-45V16AB642 Download

File Size   156.66 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-45V16AB642 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-45V16AB642 Datasheet PDF - Elpida Memory

Part # MC-45V16AB642
Download  MC-45V16AB642 Click to download

File Size   156.66 Kbytes
Page   16 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE

MC-45V16AB642 Datasheet (HTML) - Elpida Memory

Back Button MC-45V16AB642 Datasheet HTML 1Page - Elpida Memory MC-45V16AB642 Datasheet HTML 2Page - Elpida Memory MC-45V16AB642 Datasheet HTML 3Page - Elpida Memory MC-45V16AB642 Datasheet HTML 4Page - Elpida Memory MC-45V16AB642 Datasheet HTML 5Page - Elpida Memory MC-45V16AB642 Datasheet HTML 6Page - Elpida Memory MC-45V16AB642 Datasheet HTML 7Page - Elpida Memory MC-45V16AB642 Datasheet HTML 8Page - Elpida Memory MC-45V16AB642 Datasheet HTML 9Page - Elpida Memory MC-45V16AB642 Datasheet HTML 10Page - Elpida Memory Next Button 

MC-45V16AB642 Product details

Description
The MC-45V16AB642 is a 16,777,216 words by 64 bits VirtualChannel dynamic RAM module on which 8 pieces of 128M VirtualChannel DRAM : µPD45V128821 are assembled.
This module provides high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• 16,777,216 words by 64 bits organization
• Clock frequency and access time from CLK
• Fully Standard Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Dual internal banks controlled by BA0 (Bank Select)
• Wrap sequence (interleave)
• Burst length (4)
• Read latency (2)
• Prefetch read latency (4)
• Auto precharge and without auto precharge
• Auto refresh and self refresh
• Single 3.3 V ± 0.3 V power supply
• Interface: LVTTL
• Refresh cycle: 4K cycles/64 ms
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD



Similar Part No. - MC-45V16AB642

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A10 NEC-MC-45V16AD641EF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A75 NEC-MC-45V16AD641EF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641KF-A10 NEC-MC-45V16AD641KF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641KF-A75 NEC-MC-45V16AD641KF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Similar Description - MC-45V16AB642

ManufacturerPart #DatasheetDescription
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com