Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CD642XS-A75L Datasheet (PDF) - Elpida Memory

MC-4516CD642XS-A75L Datasheet PDF - Elpida Memory
Part # MC-4516CD642XS-A75L
Download  MC-4516CD642XS-A75L Download

File Size   136.97 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)

MC-4516CD642XS-A75L Datasheet (PDF)

Go To PDF Page Download Datasheet
MC-4516CD642XS-A75L Datasheet PDF - Elpida Memory

Part # MC-4516CD642XS-A75L
Download  MC-4516CD642XS-A75L Click to download

File Size   136.97 Kbytes
Page   14 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)

MC-4516CD642XS-A75L Datasheet (HTML) - Elpida Memory

Back Button MC-4516CD642XS-A75L Datasheet HTML 1Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 2Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 3Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 4Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 5Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 6Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 7Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 8Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 9Page - Elpida Memory MC-4516CD642XS-A75L Datasheet HTML 10Page - Elpida Memory Next Button 

MC-4516CD642XS-A75L Product details

EOL
Description
The MC-4516CD642XS is 16,777,216 words by 64 bits synchronous dynamic RAM module (Small Outline DIMM) on which 8 pieces of 128M SDRAM: µPD45128163 are assembled.
This module provide high density and large quantities of memory in a small space without utilizing the surface mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.

Features
• 16,777,216 words by 64 bits organization
• Clock frequency and access time from CLK
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0, BA1 (Bank Select)
• Programmable burst-length: 1, 2, 4, 8 and Full Page
• Programmable wrap sequence (Sequential / Interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• Single 3.3V ± 0.3V power supply
• LVTTL compatible
• 4,096 refresh cycles/64 ms
• Burst termination by Burst Stop command and Precharge command
• 144-pin small outline dual in-line memory module (Pin pitch = 0.8 mm)
• Unbuffered type
• Serial PD



Similar Part No. - MC-4516CD642XS-A75L

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES-A10 NEC-MC-4516CD641ES-A10 Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES-A10 ELPIDA-MC-4516CD641ES-A10 Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES-A80 NEC-MC-4516CD641ES-A80 Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Similar Description - MC-4516CD642XS-A75L

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-45V16AD642KS ELPIDA-MC-45V16AD642KS Datasheet
147Kb / 16P
   16M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-458CB642XS ELPIDA-MC-458CB642XS Datasheet
135Kb / 14P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com