Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2543 Datasheet (PDF) - Toshiba Semiconductor

2SK2543 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2543
Download  2SK2543 Download

File Size   285.98 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)

2SK2543 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2543 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2543
Download  2SK2543 Click to download

File Size   285.98 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)

2SK2543 Datasheet (HTML) - Toshiba Semiconductor

2SK2543 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2543 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2543 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2543 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2543 Datasheet HTML 5Page - Toshiba Semiconductor

2SK2543 Product details

Switching Regulator Applications



Low drain−source ON resistance : RDS (ON) = 0.75 Ω (typ.)

High forward transfer admittance : |Yfs| = 7.0 S (typ.)

Low leakage current : IDSS = 100 μA (max) (VDS = 500 V)

Enhancement mode : Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)



Similar Part No. - 2SK2543

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2543 TOSHIBA-2SK2543 Datasheet
723Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2543 TOSHIBA-2SK2543 Datasheet
417Kb / 6P
   Switching Regulator Applications
2SK2543 TOSHIBA-2SK2543_06 Datasheet
723Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK2543 TOSHIBA-2SK2543_09 Datasheet
417Kb / 6P
   Switching Regulator Applications
More results


Similar Description - 2SK2543

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2602 TOSHIBA-2SK2602 Datasheet
284Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
2SK3126 TOSHIBA-2SK3126 Datasheet
138Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
2SK2605 TOSHIBA-2SK2605 Datasheet
287Kb / 5P
   N CHANNEL MOS TYPE HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
2SK2542 TOSHIBA-2SK2542 Datasheet
286Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
2SK2608 TOSHIBA-2SK2608 Datasheet
290Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
2SK2544 TOSHIBA-2SK2544 Datasheet
284Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGURATOR APPLICATIONS)
2SK3301 TOSHIBA-2SK3301 Datasheet
142Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, DC-DC CONVERTER APPLICATIONS)
2SK2996 TOSHIBA-2SK2996 Datasheet
190Kb / 5P
   SILICON N CHANNEL MOS TYPE(HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS CHOPPER REGULATOR)
2SK2604 TOSHIBA-2SK2604 Datasheet
283Kb / 5P
   N CHANNEL MOS TYPE (HGIH SPEED, HIGH VOLTAGE SWITCHIN, SWITCHING REGULATOR APPLICATIONS)
2SK2035 TOSHIBA-2SK2035 Datasheet
195Kb / 3P
   N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com