Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXWBVCO-S-200-300 Datasheet (PDF) - American Accurate Components, Inc.

JXWBVCO-S-200-300 Datasheet PDF - American Accurate Components, Inc.
Part # JXWBVCO-S-200-300
Download  JXWBVCO-S-200-300 Download

File Size   59.4 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Voltage Controlled Oscillators 120 to 2000MHz

JXWBVCO-S-200-300 Datasheet (PDF)

Go To PDF Page Download Datasheet
JXWBVCO-S-200-300 Datasheet PDF - American Accurate Components, Inc.

Part # JXWBVCO-S-200-300
Download  JXWBVCO-S-200-300 Click to download

File Size   59.4 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Voltage Controlled Oscillators 120 to 2000MHz

JXWBVCO-S-200-300 Datasheet (HTML) - American Accurate Components, Inc.

JXWBVCO-S-200-300 Datasheet HTML 1Page - American Accurate Components, Inc.



Similar Part No. - JXWBVCO-S-200-300

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBVCO-S-2030-2070 AAC-JXWBVCO-S-2030-2070 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
JXWBVCO-S-2050-2150 AAC-JXWBVCO-S-2050-2150 Datasheet
84Kb / 1P
   Voltage Controlled Oscillators 140 to 2600MHz
More results


Similar Description - JXWBVCO-S-200-300

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFVC6405 RFMD-RFVC6405 Datasheet
1,016Kb / 8P
   Octave Bandwidth Voltage Controlled Oscillator 2000MHz to 4000MHz
RFVC6406 RFMD-RFVC6406 Datasheet
1,000Kb / 8P
   Octave Bandwidth Voltage Controlled Oscillator 2000MHz to 4000MHz
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com