|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM285 - MICROPOWER VOLTAGE REFERENCE DIODES - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM4040 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| ZXRE125 | SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| AMS1004-12 | MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 5 More | Advanced Monolithic Systems |
| LM385 | 1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 5 More | Microsemi Corporation |
| ZR25D | PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| FAN4050 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 | Fairchild Semiconductor |
| AMS285-1.2 | MICROPOWER VOLTAGE REFERENCE DIODE | 1 2 3 4 5 More | Advanced Monolithic Systems |
| LM4041 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| ZXRE4041 | SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE | 1 2 3 4 | Zetex Semiconductors |
| AD1580 | 1.2 V Micropower Precision Shunt Voltage Reference | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|