
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
FDS4897AC Datasheet (PDF) - Fairchild Semiconductor - Dual N & P-Channel PowerTrench® MOSFET N-Channel: 40 V, 6.1 A, 26 mΩ P-Channel: -40 V, -5.2 A, 39 mΩ
|
|
|
|
| Part No. | FDS4897AC |
|
| Download |
FDS4897AC Click to view |
|
| File Size | 413.53 Kbytes |
|
| Page | 10 Pages |
|
| Maker | FAIRCHILD [Fairchild Semiconductor] |
|
| Homepage | http://www.fairchildsemi.com |
|
| Logo |  |
|
|
|
|
|
| |
FDS4897AC Datasheet (HTML) |
Related keyword |
| FDS4897AC Datasheet | FDS4897AC Cross Reference | FDS4897AC Schematic | FDS4897AC Distributor | FDS4897AC Datenblatt | FDS4897AC RoHS |
| FDS4897AC Equivalent | FDS4897AC Application Notes | FDS4897AC Data Sheet | FDS4897AC component | FDS4897AC Fiche Technique | FDS4897AC Circuit |
|